Part Number Hot Search : 
216125 216125 B66414 1460E 09105 NC7SV32 UPC7900 APTGF
Product Description
Full Text Search
 

To Download NTE2375 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2375 MOSFET N-Ch, Enhancement Mode High Speed Switch
Features: D Dynamic dv/dt Rating D Repetitive Avalanche Rated D Isolated Central Mounting Hole D Fast Switching D Ease of Paralleling D Simple Drive Requirements Absolute Maximum Ratings: Continuous Drain Current (VGS = 10V), ID TC = +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41A TC = +100C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29A Pulsed Drain Current (Note 1), IDM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120A Power Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 230W Derate Linearly Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5W/C Gate-to-Source Voltage, VGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V Single Pulse Avalanche Energy (Note 2), EAS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 830mJ Avalanche Current (Note 1), IAR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41A Repetitive Avalanche Energy (Note 1), EAR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19mJ Peak Diode Recovery dv/dt (Note 3), dv/dt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V/ns Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +175C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +175C Lead Temperature (During Soldering, 1.6mm from case for 10sec), TL . . . . . . . . . . . . . . . . . +300C Mounting Torque (6-32 or M3 Screw) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 lbfin (1.1Nm) Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.65C/W Thermal Resistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40C/W Typical Thermal Resistance, Case-to-Sink (Flat, Greased Surface), RthCS . . . . . . . . . . . 0.24C/W Note 1. Repetitive rating; pulse width limited by maximum junction temperature. Note 2. VDD = 25V, starting TJ = +25C, L = 740H, RG = 25, IAS = 41A Note 3. ISD 41A, di/dt 300A/s, VDD V(BR)DSS, TJ +175C
Electrical Characteristics: (TJ = +25C unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Symbol V(BR)DSS Test Conditions VGS = 0V, ID = 250A Min 100 - - 2.0 13 - - - - - - - VDD = 50V, ID = 41A, RG = 6.2, RD = 1.2, Note 4 - - - - Between lead, .250in. (6.0) mm from package and center of die contact VGS = 0V, VDS = 25V, f = 1MHz - - - - - Typ - 0.14 - - - - - - - - - - 16 120 60 81 5.0 13.0 2800 1100 280 Max - - 0.055 4.0 - 25 250 100 -100 140 29 68 - - - - - - - - - Unit V V/C V mhos A A nA nA nC nC nC ns ns ns ns nH nH pF pF pF
V(BR)DSS Reference to +25C, ID = 1mA TJ RDS(on) VGS(th) gfs IDSS IGSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss VGS = 10V, ID = 25A, Note 4 VDS = VGS, ID = 250A VDS = 25V, ID = 25A, Note 4 VDS = 100V, VGS = 0V VDS = 80V, VGS = 0V, TJ = +150C VGS = 20V VGS = -20V ID = 41A, VDS = 80V, VGS = 10V, Note 4
Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capaticance
Source-Drain Ratings and Characteristics:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time Symbol IS ISM VSD trr Qrr ton Note 1 TJ = +25C, IS = 41A, VGS = 0V, Note 4 TJ = +25C, IF = 41A, di/dt = 100A/s, Note 4 Test Conditions Min - - - - - Typ - - - 220 1.9 Max 41 160 2.5 330 2.9 Unit A A V ns C
Intrinsic turn-on time is neglegible (turn-on is dominated by LS+LD)
Note 1. Repetitive rating; pulse width limited by maximum junction temperature. Note 4. Pulse width 300s; duty cycle 2%.
.626 (15.9) Max .217 (5.5)
.197 (5.0)
See Note .787 (20.0)
.143 (3.65) Dia Max
.157 (4.0)
.559 (14.2) Min
.215 (5.45)
.047 (1.2)
.094 (2.4)
G
D
S
TO247
Note: Drain connected to metal part of mounting surface.


▲Up To Search▲   

 
Price & Availability of NTE2375

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X